Part Number Hot Search : 
100FC 74HC19 MA4E1339 IDT5V 100FC 75451 F3055L L4728
Product Description
Full Text Search
 

To Download 74LVC1G06GM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
74LVC1G06 Inverter with open-drain output
Product specification Supersedes data of 2003 Mar 03 2004 Sep 07
Philips Semiconductors
Product specification
Inverter with open-drain output
FEATURES * Wide supply voltage range from 1.65 to 5.5 V * High noise immunity * Complies with JEDEC standard: - JESD8-7 (1.65 V to 1.95 V) - JESD8-5 (2.3 V to 2.7 V) - JESD8B/JESD36 (2.7 V to 3.6 V) * 24 mA output drive (VCC = 3.0 V) * CMOS low power consumption * Latch-up performance exceeds 250 mA * Direct interface with TTL levels * Inputs accept voltages up to 5 V * Multiple package options * ESD protection: - HBM EIA/JESD22-A114-B exceeds 2000 V - MM EIA/JESD22-A115-A exceeds 200 V. * Specified from -40 C to +85 C and -40 C to +125 C. QUICK REFERENCE DATA GND = 0 V; Tamb = 25 C; tr = tf 2.5 ns. SYMBOL tPHL/tPLH PARAMETER propagation delay inputs A to output Y CONDITIONS VCC = 1.8 V; CL = 30 pF; RL = 1 k VCC = 2.5 V; CL = 30 pF; RL = 500 VCC = 2.7 V; CL = 50 pF; RL = 500 VCC = 3.3 V; CL = 50 pF; RL = 500 VCC = 5.0 V; CL = 50 pF; RL = 500 CI CPD Notes 1. CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi x N + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in Volts; N = total load switching outputs; (CL x VCC2 x fo) = sum of the outputs. 2. The condition is VI = GND to VCC. input capacitance power dissipation capacitance per buffer VCC = 3.3 V; notes 1 and 2 DESCRIPTION
74LVC1G06
The 74LVC1G06 is a high-performance, low-power, low-voltage, Si-gate CMOS device, superior to most advanced CMOS compatible TTL families. Input can be driven from either 3.3 V or 5 V devices. These features allow the use of these devices in a mixed 3.3 V and 5 V environment. Schmitt trigger action at all inputs makes the circuit tolerant for slower input rise and fall time. This device is fully specified for partial power-down applications using Ioff. The Ioff circuitry disables the output, preventing the damaging backflow current through the device when it is powered down. The 74LVC1G06 provides the inverting buffer. The output of the device is an open drain and can be connected to other open-drain outputs to implement active-LOW wired-OR or active-HIGH wired-AND functions.
TYPICAL 3 1.9 2.5 2.3 1.7 5 6 ns ns ns ns ns
UNIT
pF pF
2004 Sep 07
2
Philips Semiconductors
Product specification
Inverter with open-drain output
FUNCTION TABLE See note 1. INPUT A L H Note 1. H = HIGH voltage level; L = LOW voltage level; Z = high-impedance OFF-state. ORDERING INFORMATION PACKAGE TYPE NUMBER TEMPERATURE RANGE 74LVC1G06GW 74LVC1G06GV 74LVC1G06GM PINNING PIN SC-88A; SC-74A 1 2 3 4 5 PIN (XSON6) 1 2 3 4 5 6 SYMBOL n.c. A GND Y n.c. VCC not connected data input A ground (0 V) data output Y not connected supply voltage -40 C to +125 C -40 C to +125 C -40 C to +125 C PINS 5 5 6 PACKAGE SC-88A SC-74A XSON6 MATERIAL plastic plastic plastic OUTPUT Y Z L
74LVC1G06
CODE SOT353 SOT753 SOT886
MARKING VR V06 VR
DESCRIPTION
06
n.c. A 1 2 5 VCC n.c. 1 6 VCC
06
4
001aab621
A Y GND
2
5
n.c.
GND
3
3
4
Y
001aab620
Transparent top view
Fig.1 Pin configuration SC-88A and SC-74A.
Fig.2 Pin configuration XSON6.
2004 Sep 07
3
Philips Semiconductors
Product specification
Inverter with open-drain output
74LVC1G06
handbook, halfpage
2
A
Y
4
handbook, halfpage
A
2
4
Y
MNA618
MNA619
Fig.3 Logic symbol.
Fig.4 IEE/IEC logic symbol.
handbook, halfpage
Y
A GND
MNA620
Fig.5 Logic diagram.
2004 Sep 07
4
Philips Semiconductors
Product specification
Inverter with open-drain output
RECOMMENDED OPERATING CONDITIONS SYMBOL VCC VI VO Tamb tr, tf PARAMETER supply voltage input voltage output voltage operating ambient temperature input rise and fall times VCC = 1.65 V to 2.7 V VCC = 2.7 V to 5.5 V active mode VCC = 0 V; Power-down mode CONDITIONS 0 0 0 -40 0 0 MIN. 1.65
74LVC1G06
MAX. 5.5 5.5 5.5 5.5 +125 20 10 V V V V
UNIT
C ns/V ns/V
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V). SYMBOL VCC IIK VI IOK VO IO ICC, IGND Tstg Ptot Notes 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. When VCC = 0 V (Power-down mode), the output voltage can be 5.5 V in normal operation. PARAMETER supply voltage input diode current input voltage output diode current output voltage output sink current VCC or GND current storage temperature power dissipation Tamb = -40 C to +125 C VI < 0 V note 1 VO > VCC or VO < 0 V active mode; notes 1 and 2 VO = 0 V to VCC CONDITIONS - -0.5 - -0.5 - - -65 - MIN. -0.5 MAX. +6.5 -50 +6.5 50 +6.5 +6.5 50 100 +150 250 V mA V mA V V mA mA C mW UNIT
Power-down mode; notes 1 and 2 -0.5
2004 Sep 07
5
Philips Semiconductors
Product specification
Inverter with open-drain output
DC CHARACTERISTICS At recommended operating conditions; voltages are referenced to GND (ground = 0 V). TEST CONDITIONS SYMBOL PARAMETER OTHER Tamb = -40 C to +85 C VIH HIGH-level input voltage 1.65 to 1.95 2.3 to 2.7 2.7 to 3.6 4.5 to 5.5 VIL LOW-level input voltage 1.65 to 1.95 2.3 to 2.7 2.7 to 3.6 4.5 to 5.5 VOL LOW-level output voltage VI = VIH or VIL IO = 100 A IO = 4 mA IO = 8 mA IO = 12 mA IO = 24 mA IO = 32 mA ILI Ioff ICC ICC input leakage current power OFF leakage current quiescent supply current additional quiescent supply current per pin VI = 5.5 V or GND VI or VO = 5.5 V VI = VCC or GND; IO = 0 A VI = VCC - 0.6 V; IO = 0 A 1.65 to 5.5 1.65 2.3 2.7 3.0 4.5 5.5 0 5.5 2.3 to 5.5 - - - - - - - - - - - - - - - - 0.1 0.1 0.1 5 0.65 x VCC 1.7 2.0 0.7 x VCC - - - - - - - - - - - - VCC (V) MIN. TYP.(1)
74LVC1G06
MAX.
UNIT
- - - - 0.35 x VCC 0.7 0.8 0.3 x VCC 0.1 0.45 0.3 0.4 0.55 0.55 5 10 10 500
V V V V V V V V V V V V V V A A A A
2004 Sep 07
6
Philips Semiconductors
Product specification
Inverter with open-drain output
74LVC1G06
TEST CONDITIONS SYMBOL PARAMETER OTHER Tamb = -40 C to +125 C VIH HIGH-level input voltage 1.65 to 1.95 2.3 to 2.7 2.7 to 3.6 4.5 to 5.5 VIL LOW-level input voltage 1.65 to 1.95 2.3 to 2.7 2.7 to 3.6 4.5 to 5.5 VOL LOW-level output voltage VI = VIH or VIL IO = 100 A IO = 4 mA IO = 8 mA IO = 12 mA IO = 24 mA IO = 32 mA ILI Ioff ICC ICC Note 1. All typical values are measured at VCC = 3.3 V and Tamb = 25 C. input leakage current power OFF leakage current quiescent supply current additional quiescent supply current per pin VI = 5.5 V or GND VI or VO = 5.5 V VI = VCC or GND; IO = 0 A VI = VCC - 0.6 V; IO = 0 A 1.65 to 5.5 1.65 2.3 2.7 3.0 4.5 5.5 0 5.5 2.3 to 5.5 - - - - - - - - - - 0.65 x VCC 1.7 2.0 0.7 x VCC - - - - VCC (V) MIN.
TYP.(1)
MAX.
UNIT
- - - - - - - - - - - - - - - - - -
- - - - 0.35 x VCC 0.7 0.8 0.3 x VCC 0.1 0.70 0.45 0.60 0.80 0.80 100 200 200 5000
V V V V V V V V V V V V V V A A A A
2004 Sep 07
7
Philips Semiconductors
Product specification
Inverter with open-drain output
AC CHARACTERISTICS GND = 0 V; tr = tf 2.0 ns. TEST CONDITIONS SYMBOL PARAMETER WAVEFORMS Tamb = -40 C to +85 C tPHL/tPLH propagation delay A to Y see Figs 6 and 7 1.65 to 1.95 2.3 to 2.7 2.7 3.0 to 3.6 4.5 to 5.5 Tamb = -40 C to +125 C tPHL/tPLH propagation delay A to Y see Figs 6 and 7 1.65 to 1.95 2.3 to 2.7 2.7 3.0 to 3.6 4.5 to 5.5 AC WAVEFORMS 1.0 0.5 0.5 0.5 0.5 - - - - - 1.0 0.5 0.5 0.5 0.5 3 1.9 2.5 2.3 1.7 VCC (V) MIN. TYP.
74LVC1G06
MAX.
UNIT
6.5 4 4.5 4 3
ns ns ns ns ns
8.5 5.5 6 5.5 4
ns ns ns ns ns
handbook, full pagewidth
VI A input GND t PLZ VCC Y output VOL VX
MNA621
VM
t PZL
VM
VCC 1.65 V to 1.95 V 2.3 V to 2.7 V 2.7 V 3.0 V to 3.6 V 4.5 V to 5.5 V
VM 0.5 x VCC 0.5 x VCC 1.5 V 1.5 V 0.5 x VCC
VX VOL + 0.15 V VOL + 0.15 V VOL + 0.3 V VOL + 0.3 V VOL + 0.3 V VCC VCC 2.7 V 2.7 V VCC
VI
Fig.6 Input A to output Y propagation delay times.
2004 Sep 07
8
Philips Semiconductors
Product specification
Inverter with open-drain output
74LVC1G06
handbook, full pagewidth
VEXT VCC PULSE GENERATOR VI D.U.T. RT CL RL VO RL
MNA616
VCC 1.65 V to 1.95 V 2.3 V to 2.7 V 2.7 V 3.0 V to 3.6 V 4.5 V to 5.5 V
VI VCC VCC 2.7 V 2.7 V VCC
CL 30 pF 30 pF 50 pF 50 pF 50 pF
RL 1 k 500 500 500 500
VEXT tPLH/tPHL open open open open open tPZH/tPHZ GND GND GND GND GND tPZL/tPLZ 2 x VCC 2 x VCC 6V 6V 2 x VCC
Definitions for test circuit: RL = Load resistor. CL = Load capacitance including jig and probe capacitance. RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
Fig.7 Load circuitry for switching times.
2004 Sep 07
9
Philips Semiconductors
Product specification
Inverter with open-drain output
PACKAGE OUTLINES
Plastic surface mounted package; 5 leads
74LVC1G06
SOT353
D
B
E
A
X
y
HE
vMA
5
4
Q
A
A1
1
e1 e
2
bp
3
wM B detail X Lp
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.8 A1 max 0.1 bp 0.30 0.20 c 0.25 0.10 D 2.2 1.8 E (2) 1.35 1.15 e 1.3 e1 0.65 HE 2.2 2.0 Lp 0.45 0.15 Q 0.25 0.15 v 0.2 w 0.2 y 0.1
OUTLINE VERSION SOT353
REFERENCES IEC JEDEC EIAJ SC-88A
EUROPEAN PROJECTION
ISSUE DATE 97-02-28
2004 Sep 07
10
Philips Semiconductors
Product specification
Inverter with open-drain output
74LVC1G06
Plastic surface mounted package; 5 leads
SOT753
D
B
E
A
X
y
HE
vMA
5
4
Q
A A1 c
1
2
3
detail X
Lp
e
bp
wM B
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.9 A1 0.100 0.013 bp 0.40 0.25 c 0.26 0.10 D 3.1 2.7 E 1.7 1.3 e 0.95 HE 3.0 2.5 Lp 0.6 0.2 Q 0.33 0.23 v 0.2 w 0.2 y 0.1
OUTLINE VERSION SOT753
REFERENCES IEC JEDEC JEITA SC-74A
EUROPEAN PROJECTION
ISSUE DATE 02-04-16
2004 Sep 07
11
Philips Semiconductors
Product specification
Inverter with open-drain output
74LVC1G06
XSON6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm
SOT886
b 1 2 3 4x L1 L
(2)
e
6 e1
5 e1
4
6x
(2)
A
A1 D
E
terminal 1 index area 0 DIMENSIONS (mm are the original dimensions) UNIT mm A (1) max 0.5 A1 max 0.04 b 0.25 0.17 D 1.5 1.4 E 1.05 0.95 e 0.6 e1 0.5 L 0.35 0.27 L1 0.40 0.32 1 scale 2 mm
Notes 1. Including plating thickness. 2. Can be visible in some manufacturing processes. OUTLINE VERSION SOT886 REFERENCES IEC JEDEC MO-252 JEITA EUROPEAN PROJECTION ISSUE DATE 04-07-15 04-07-22
2004 Sep 07
12
Philips Semiconductors
Product specification
Inverter with open-drain output
DATA SHEET STATUS LEVEL I DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2)(3) Development DEFINITION
74LVC1G06
This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
II
Preliminary data Qualification
III
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. 3. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes in the products including circuits, standard cells, and/or software described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2004 Sep 07
13
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2004
SCA76
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
R20/05/pp14
Date of release: 2004
Sep 07
Document order number:
9397 750 13755


▲Up To Search▲   

 
Price & Availability of 74LVC1G06GM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X